PART |
Description |
Maker |
STM32F205ZC STM32F207XX STM32F205RC STM32F205VC ST |
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera STM32F205RET6VTR ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM
|
STMicroelectronics
|
PIC12F635E/MF PIC12F635E/MFQTP PIC12F635E/P PIC12F |
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY This powerful yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s ...
|
Microchip
|
BD6062GU |
Flash LED Driver for mobile phone with camera
|
ROHM[Rohm]
|
CAT361208 |
Programmable 300mA Camera Flash LED Driver
|
Catalyst Semiconductor
|
STLD20CP1 STLD20CP1PQR |
Power management for white LED and camera flash
|
STMicroelectronics
|
MAX1583EVKIT MAX1583ZETB MAX1583 MAX1583XETB MAX15 |
MAX1583 Evaluation Kit White LED Camera-Flash
|
MAXIM[Maxim Integrated Products]
|
BD7757MWX |
1.5A LED Camera Flash Driver Synchronous Rectification Step-Up DC/DC
|
Rohm
|
THNCFXXXMBA THNCF008MBA THNCF008MBAI THNCF016MBA T |
TENTATIVE - SMALL FORM FACTOR CARD The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
|
TOSHIBA[Toshiba Semiconductor]
|
ATC2B ATC31 ATC100B1R2KCA50X |
CAMERA PIR INFRA RED CABLE CAMERA EXTN 15M des 沙漠
|
Pletronics
|